| 전자부품 데이터시트 검색엔진 |
|
FZ-S/SC 데이터시트(PDF) 15 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
FZ-S/SC 데이터시트(HTML) 15 Page - Omron Electronics LLC |
|
15 / 54 page ![]() Variations in start positions 15 OCR reliably reads difficult-to-read characters The FH Series incorporates a dedicated algorithm for reliable and fast 2D code reading even under variable ambient brightness or adverse conditions such as after processing or washing. Chips due to reflection Low contrast Waterdrops and oil stains Scratched damage Uneven line spacing Molding variations of forged object *1. The average value measured under our specified conditions is provided for reference. 2D Code II provides powerful code reading Poor printing quality on coarse surface Touching characters Curved character strings · ISO/IEC 15415 · ISO/IEC TR29158 Print Quality Grading Function Changing ambient brightness After processing or washing Poor printing quality in high-speed line Special fonts Japanese characters Character Inspection reads special fonts Character Inspection recognizes special fonts and non-alphanumeric characters based on pattern search using the dictionary set up by the user. Recognition rate 2 times*1 3 times faster*1 OCR can reliably read characters printed too close to each other or on curved surfaces. Also plus signs can be read. Curved character string including plus sign |