| 전자부품 데이터시트 검색엔진 |
|
FZ-SF/SFC 데이터시트(PDF) 48 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
FZ-SF/SFC 데이터시트(HTML) 48 Page - Omron Electronics LLC |
|
48 / 54 page ![]() FH-Series 48 3Z4S-LE VS-1614H1N VS-2514H1 VS-5018H1 SV-7525H SV-10028H VS-0618H1 VS-0814H1 VS-1214H1 VS-3514H1 10 100 1,000 10,000 10 100 1,000 Field of vision (mm) t1 t1 t1 t1 t1 t1 t2 t2 t5 t5 t0.5 t0.5 t1 t1 t5 t5 t10 t10 t0.5 t0.5 t1 t1 t2 t2 t5 t5 t10 t10 t15 t15 t1 t1 t2 t2 t5 t5 t10 t10 t15 t15 t20 t20 t25 t25 t30 t30 t0.5 t0.5 t2 t2 t20 t20 t25 t25 t30 t30 t35 t35 t40 t40 t5 t5 t10 t10 t15 t15 t20 t20 t25 t25 t30 t30 t35 t35 t40 t40 t0 t0 t15 t15 t10 t10 t5 t5 t0 t0 t0 t0 t2 t2 t0 t0 t0 t0 t0.5 t0.5 t0.5 t0.5 t0 t0 t0 t0 t0 t0 t0.5 t0.5 t0 t0 t1 t1 t1 t2 t5 t0.5 t1 t5 t10 t0.5 t1 t2 t5 t10 t15 t1 t2 t5 t10 t15 t20 t25 t30 t0.5 t2 t20 t25 t30 t35 t40 t5 t10 t15 t20 t25 t30 t35 t40 t0 t15 t10 t5 t0 t0 t2 t0 t0 t0.5 t0.5 t0 t0 t0 t0.5 t0 High-speed Digital CMOS Camera FH-S @04 4 million-pixel (Using 3Z4S-LE SV-H/VS-H1 Series) Field of vision (mm) 10 100 3Z4S-LE VS-L5028/M42-10 VS-L8540/M42-10 VS-L10028/M42-10 VS-L1828/M42-10 VS-L2526/M42-10 VS-L3528/M42-10 1,000 10 100 1,000 10,000 t40 t40 t30 t20 t20 t20 t20 t10 t10 t10 t10 t8 t8 t8 t2 t2 t1 t10 t0 t0 t0 t0 t0 t0 High-speed Digital CMOS Camera FH-S @12 12 million-pixel (Using 3Z4S-LE VS-L/M42-10 Series) VS-HVA5024 VS-HVA3522 VS-HVA2524 VS-HVA1626 VS-HVA1226 3Z4S-LE Field of vision (mm) 100 1,000 5,000 1,000 100 10 High-speed Digital CMOS Camera FH-S @X12 12 million-pixel (Using 3Z4S-LE VS-HVA Series) Field of vision (mm) VS-HVA5024 VS-HVA3522 VS-HVA2524 VS-HVA1626 VS-HVA1226 3Z4S-LE 100 1,000 5,000 1,000 100 10 Digital CMOS Camera FH-S @21R 20.4 million-pixel (Using 3Z4S-LE VS-HVA Series) |