| 전자부품 데이터시트 검색엔진 |
|
E5DC-RX2AUM-002 데이터시트(PDF) 73 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2AUM-002 데이터시트(HTML) 73 Page - Omron Electronics LLC |
|
73 / 138 page ![]() E5DC/E5DC-B 73 Current Transformers 5.8 dia. Two, 3.5 dia. 30 21 15 25 2.5 40 10.5 2.8 7.5 5 10 Filler (epoxy) Case E54-CT1 Thru-current (Io) vs. Output Voltage (Eo) (Reference Values) E54-CT1 or E54-CT1L Maximum continuous heater current: 50 A (50/60 Hz) Number of windings: 400 ±2 Winding resistance: 18 ±2 Ω Thru-current (Io) A (r.m.s.) 1 10 100mA 1 10 100 1,000A 100V Frequency: 50 Hz Distortion factor 10% 3% 1% 100Ω RL=10Ω ∞ 10 1 100mV 10 1 100μV 10 1kΩ E54-CT1L 5.8 dia. Filler (epoxy) Case (PBT) Shrinkable tube Two, 3.5 dia. Cable (AWG18) 25 2.5 115±5 8 21 10.5 40 30 5 15 10 Mark (yellow) (12) |