| 전자부품 데이터시트 검색엔진 |
|
E5DC-RX2AUM-002 데이터시트(PDF) 43 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2AUM-002 데이터시트(HTML) 43 Page - Omron Electronics LLC |
|
43 / 138 page ![]() E5EC/E5EC-B/E5AC 43 Optional Products (Order Separately) USB-Serial Conversion Cable Communications Conversion Cable Note: Always use this product together with the E58-CIFQ2. This Cable is used to connect to the front-panel Setup Tool port. Terminal Covers (for E5EC/E5AC) Note: The Terminal Covers E53-COV24 are provided with the Digital Temperature Controller. Waterproof Packing Note: This Waterproof Packing is provided with the Digital Temperature Controller. Waterproof Cover Front Port Cover Note: This Front Port Cover is provided with the Digital Temperature Controller. Mounting Adapter Note: This Mounting Adapter is provided with the Digital Temperature Controller. Current Transformers (CTs) * Lead wires are included with these CTs. If UL certification is required, use these CTs. CX-Thermo Support Software Note: CX-Thermo version 4.5 or higher is required for the E5EC/ E5AC. CX-Thermo version 4.65 or higher is required for the E5EC-B. CX-Thermo version 4.67 or higher is required for the E5CC-B linear current output type. For the system requirements for the CX-Thermo, refer to information on the EST2-2C-MV4 on the OMRON website (www.ia.omron.com). Model E58-CIFQ2 Model E58-CIFQ2-E Model E53-COV24 (3pcs) Applicable Controller Model E5EC/E5EC-B Y92S-P9 E5AC Y92S-P10 Applicable Controller Model E5EC/E5EC-B Y92A-49N E5AC Y92A-96N Model Y92S-P7 Model Y92F-51 (2pcs) Hole diameter Model 5.8 mm E54-CT1 5.8 mm E54-CT1L * 12.0 mm E54-CT3 12.0 mm E54-CT3L * Model EST2-2C-MV4 |