전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ARMWALLDS 데이터시트(PDF) 1 Page - StarTech.com Ltd.

부품명 ARMWALLDS
상세설명  Wall-Mount Monitor Arm - Dual Swivel - For up to 34" (33.1lb/15kg) Displays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STARTECH [StarTech.com Ltd.]
홈페이지  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ARMWALLDS 데이터시트(HTML) 1 Page - StarTech.com Ltd.

  ARMWALLDS Datasheet HTML 1Page - StarTech.com Ltd. ARMWALLDS Datasheet HTML 2Page - StarTech.com Ltd. ARMWALLDS Datasheet HTML 3Page - StarTech.com Ltd. ARMWALLDS Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall-Mount Monitor Arm - Dual Swivel - For up to 34" (33.1lb/15kg) Displays
Product ID: ARMWALLDS
Wall-mount your computer monitor or flat-screen TV to free up space on your desk or table. This wall-mount monitor
arm supports flat-panel displays up to 34” and provides a full 15” (382 mm) arm extension for optimum screen
adjustment. The pivoting arm swivels +90 / - 90, plus tilts and rotates to provide maximum viewing flexibility.
This monitor arm helps you save space on your desk or table surface, by letting you securely wall-mount a computer
monitor or TV from 13” to 34” in size and up to 33 lb. (15kg) in weight. It’s ideal for many different applications,
including business, healthcare or financial settings, where you may want to share your screen with patients, clients,
or other visitors. The wall-mount monitor arm also works well in office settings or workspaces that back against a wall.
The monitor arm extends a full 15” (381 mm) making it easy to change your screen position, so you can work more
comfortably or share your screen with others. The dual-swivel arm offers a full +90 / - 90 swivel, to move your screen
easily to the left or right and share your screen with maximum viewing flexibility. It tilts freely +70 / - 70, allowing easy
angle adjustment up or down to share your display, while collaborating with team members.
The aluminum wall-mount monitor arm features slide-in wall plate construction for easy installation. To help keep your
work area free of clutter, the monitor arm also features a cable clip that keep your cables neatly out of sight.
The ARMWALLDS is backed by a StarTech.com 5-year warranty and free lifetime technical support.
Certifications, Reports and Compatibility
Applications
• Free up desk or table space in business, commercial, industrial or office settings


유사한 부품 번호 - ARMWALLDS

제조업체부품명데이터시트상세설명
logo
Automatic Timing & Cont...
ARM ATC-ARM Datasheet
333Kb / 2P
Integrated Duplex Controller SOSO Operation (Sequence-on, Simultaneous-off)
logo
Merrimac Industries, In...
ARM-1 MERRIMAC-ARM-1 Datasheet
244Kb / 2P
VARIABLE ATTENUATORS, MANUAL
logo
Automatic Timing & Cont...
ARM-120-AFE ATC-ARM-120-AFE Datasheet
333Kb / 2P
Integrated Duplex Controller SOSO Operation (Sequence-on, Simultaneous-off)
ARM-120-AFEP ATC-ARM-120-AFEP Datasheet
333Kb / 2P
Integrated Duplex Controller SOSO Operation (Sequence-on, Simultaneous-off)
ARM-2003 ATC-ARM-2003 Datasheet
333Kb / 2P
Integrated Duplex Controller SOSO Operation (Sequence-on, Simultaneous-off)
More results

유사한 설명 - ARMWALLDS

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
DWF1327M TRIPPLITE-DWF1327M Datasheet
518Kb / 2P
Fixed Wall-Mount for 13 to 27 Flat-Screen Displays
DWF2655X TRIPPLITE-DWF2655X Datasheet
510Kb / 2P
Fixed Wall-Mount for 26 to 55 Flat-Screen Displays
DWF3770L TRIPPLITE-DWF3770L Datasheet
487Kb / 2P
Fixed Wall-Mount for 37 to 70 Flat-Screen Displays
DWF4585X TRIPPLITE-DWF4585X Datasheet
501Kb / 2P
Fixed Wall-Mount for 45 to 85 Flat-Screen Displays
DWT1327S TRIPPLITE-DWT1327S Datasheet
523Kb / 2P
Tilt Wall-Mount for 13 to 27 Flat-Screen Displays
DWT2655XE TRIPPLITE-DWT2655XE Datasheet
515Kb / 2P
Tilt Wall-Mount for 26 to 55 Flat-Screen Displays
DWT3270X TRIPPLITE-DWT3270X Datasheet
499Kb / 2P
Tilt Wall-Mount for 32 to 70 Flat-Screen Displays
DWT3770X TRIPPLITE-DWT3770X Datasheet
498Kb / 2P
Tilt Wall-Mount for 37 to 70 Flat-Screen Displays
DWT60100XX TRIPPLITE-DWT60100XX Datasheet
506Kb / 2P
Tilt Wall Mount for 60 to 100 Flat-Screen Displays
DDR1327SDD TRIPPLITE-DDR1327SDD Datasheet
166Kb / 3P
Dual-Monitor Desktop Mount Stand for 13" to 27" Flat-Screen Displays
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com