전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ARMWALLDS 데이터시트(PDF) 2 Page - StarTech.com Ltd.

부품명 ARMWALLDS
상세설명  Wall-Mount Monitor Arm - Dual Swivel - For up to 34" (33.1lb/15kg) Displays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STARTECH [StarTech.com Ltd.]
홈페이지  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ARMWALLDS 데이터시트(HTML) 2 Page - StarTech.com Ltd.

  ARMWALLDS Datasheet HTML 1Page - StarTech.com Ltd. ARMWALLDS Datasheet HTML 2Page - StarTech.com Ltd. ARMWALLDS Datasheet HTML 3Page - StarTech.com Ltd. ARMWALLDS Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• Share your monitor with clients, for easy collaboration in office settings such as healthcare, financial or real estate
• Create space in home office settings
Features
• Wall mount a VESA (75x75, 100x100) compatible display 13" to 34", flat screen, curved or ultrawide, with a max
weight of 33.2 lb. (15 kg)
• Save space by wall mounting your monitor or flat-screen TV and easily share your screen
• Arm extends a full 15” (382 mm)
• Pivoting arm with +90 / - 90 swivel to provide maximum viewing flexibility
• Tilts freely +70 / - 70, allowing easy angle adjustment up or down
• Easy installation with slide-in wall plate construction
• Supports VESA mount compliant monitors: 75x75, 100x100
• Cable management
Hardware
Warranty
5 Years
Cable Management
Yes
Articulating
No
# of Displays Supported
1
Mounting Options
Wall-Mount
VESA Hole Pattern(s)
75x75 mm
100x100 mm
Performance
Weight Capacity (Per
Display)
33.1 lb [15 kg]
Minimum Display Size
13"
Maximum Display Size
34"
Fits Curved Display
Yes



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com