전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS1045FP 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 STPS1045FP
상세설명  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1045FP 데이터시트(HTML) 7 Page - STMicroelectronics

  STPS1045FP Datasheet HTML 1Page - STMicroelectronics STPS1045FP Datasheet HTML 2Page - STMicroelectronics STPS1045FP Datasheet HTML 3Page - STMicroelectronics STPS1045FP Datasheet HTML 4Page - STMicroelectronics STPS1045FP Datasheet HTML 5Page - STMicroelectronics STPS1045FP Datasheet HTML 6Page - STMicroelectronics STPS1045FP Datasheet HTML 7Page - STMicroelectronics STPS1045FP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STPS1045
Ordering Information
7/8
3
Ordering Information
4
Revision history
Ordering type
Marking
Package
Weight
Base qty
Delivery
mode
STPS1045D
STPS1045D
TO-220AC
1.86 g
50
Tube
STPS1045FP
STPS1045FP
TO-220FPAC
1.9 g
50
Tube
Date
Revision
Description of Changes
Jul-2003
5D
Last release.
22-Mar-2007
6
Removed ISOWATT package.



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com