전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS1045FP 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STPS1045FP
상세설명  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1045FP 데이터시트(HTML) 4 Page - STMicroelectronics

  STPS1045FP Datasheet HTML 1Page - STMicroelectronics STPS1045FP Datasheet HTML 2Page - STMicroelectronics STPS1045FP Datasheet HTML 3Page - STMicroelectronics STPS1045FP Datasheet HTML 4Page - STMicroelectronics STPS1045FP Datasheet HTML 5Page - STMicroelectronics STPS1045FP Datasheet HTML 6Page - STMicroelectronics STPS1045FP Datasheet HTML 7Page - STMicroelectronics STPS1045FP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STPS1045
4/8
Figure 7.
Relative variation of thermal
transient impedance junction to
case versus pulse duration
(TO-220AC)
Figure 8.
Relative variation of thermal
transient impedance junction to
case versus pulse duration
(TO-220FPAC)
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
Z/R
th(j-c)
th(j-c)
T
δ=tp/T
tp
t (s)
p
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
1E-3
1E-2
1E-1
1E+0
1E+1
0.0
0.2
0.4
0.6
0.8
1.0
Z/R
th(j-c)
th(j-c)
T
δ=tp/T
tp
t (s)
p
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Figure 9.
Reverse leakage current versus
reverse voltage applied (typical
values)
Figure 10.
Reverse leakage current versus
reverse voltage applied (typical
values)
Figure 11.
Forward voltage drop versus
forward current (maximum values)
0
5
10
15
20
25
30
35
40
45
1E-1
1E+0
1E+1
1E+2
1E+3
1E+4
1E+5
I (µA)
R
V (V)
R
T =125°C
j
T =150°C
j
T =100°C
j
T =25°C
j
T =50°C
j
T =75°C
j
12
5
10
20
50
100
200
500
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1.0
10.0
100.0
I
(A)
FM
T =125°C
(typical values)
j
T =25°C
j
T =125°C
j
V
(V)
FM



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com