전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML22Q533 데이터시트(PDF) 70 Page - Rohm

부품명 ML22Q533
상세설명  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 데이터시트(HTML) 70 Page - Rohm

Back Button ML22Q533 Datasheet HTML 66Page - Rohm ML22Q533 Datasheet HTML 67Page - Rohm ML22Q533 Datasheet HTML 68Page - Rohm ML22Q533 Datasheet HTML 69Page - Rohm ML22Q533 Datasheet HTML 70Page - Rohm ML22Q533 Datasheet HTML 71Page - Rohm ML22Q533 Datasheet HTML 72Page - Rohm ML22Q533 Datasheet HTML 73Page - Rohm ML22Q533 Datasheet HTML 74Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Change volume timing by CVOL command
*1 Refer to the "FADE command" for more information on volume-transition time.
 RDSTAT command timing
CSB
Status
SCK
SI
NCR
BUSYB
Command is being processed
Awaiting command
CBUSYB
(internal)
(internal)
RDSTAT command
1
st byte
2
nd byte
Under
reading
Awaiting command
Hi-Z
Hi-Z
SO
tCB1
VOH
VOL
CSB
Status
SCK
SI
NCRn
BUSYBn
Command is being processed
Awaiting command
CVOL command
1
st byte
VOH
VOL
CBUSYB
tCB1
(internal)
(internal)
tCB1
Command is being processed
Awaiting command
CVOL command
2
nd byte
Awaiting command
SPM
SPP
Volume transition time
*1
70/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More