| 전자부품 데이터시트 검색엔진 |
|
ADSP-CM403CSWZ-CF 데이터시트(PDF) 37 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-CM403CSWZ-CF 데이터시트(HTML) 37 Page - Analog Devices |
|
37 / 124 page ![]() Rev. A | Page 37 of 124 | November 2015 ADSP-CM402F/CM403F/CM407F/CM408F/CM409F ADSP-CM407F/ADSP-CM408F GPIO MULTIPLEXING FOR 176-LEAD LQFP Table 12 through Table 17 identify the pin functions that are multiplexed on the general-purpose I/O pins of the 176-lead LQFP package. Table 12. Signal Multiplexing for Port A (176-Lead LQFP) Signal Name Multiplexed Function 0 Multiplexed Function 1 Multiplexed Function 2 Multiplexed Function 3 Multiplexed Function Input Tap PA_00 PWM0_SYNC SPT1_ACLK PA_01 PWM0_TRIP0 SPT1_AFS PA_02 PWM0_AH SPT1_AD0 PA_03 PWM0_AL SPT1_AD1 PA_04 PWM0_BH SPT1_BCLK PA_05 PWM0_BL SPT1_BFS PA_06 PWM0_CH SPT1_BD0 PA_07 PWM0_CL SMC0_AMS2 SPT1_BD1 PA_08 PWM1_CH SMC0_D00 TM0_ACLK5 PA_09 PWM1_CL SMC0_D01 TM0_ACLK4 PA_10 PWM1_SYNC SMC0_D02 TM0_ACLK3 PA_11 PWM1_TRIP0 UART1_CTS SMC0_D03 TM0_ACLK2 PA_12 PWM1_AH TM0_TMR4 SMC0_D04 PA_13 PWM1_AL TM0_TMR5 SMC0_D05 PA_14 PWM1_BH TM0_TMR6 SMC0_D06 PA_15 PWM1_BL TM0_TMR3 SMC0_D07 Table 13. Signal Multiplexing for Port B (176-Lead LQFP) Signal Name Multiplexed Function 0 Multiplexed Function 1 Multiplexed Function 2 Multiplexed Function 3 Multiplexed Function Input Tap PB_00 PWM0_DH TRACE_CLK SPT0_ACLK SMC0_D08 CNT0_ZM PB_01 PWM0_DL TRACE_D00 SPT0_AFS SMC0_D09 CNT0_UD PB_02 PWM1_DH TRACE_D01 SPT0_AD0 SMC0_D10 CNT0_DG PB_03 PWM1_DL TRACE_D02 SPT0_AD1 SMC0_D11 CNT1_ZM PB_04 PWM2_SYNC UART0_RTS SPT0_ATDV SMC0_D12 CNT1_UD PB_05 PWM2_TRIP0 UART0_CTS TM0_TMR7 SMC0_D13 CNT1_DG PB_06 PWM2_AH TM0_CLK SPI1_SEL2 SMC0_D14 PB_07 PWM2_AL TM0_TMR0 SPI1_SEL3 SMC0_D15 CPTMR0_IN0 PB_08 PWM2_BH TM0_TMR1 UART1_RX SMC0_ARDY TM0_ACI2/ CPTMR0_IN1 PB_09 PWM2_BL TM0_TMR2 UART1_TX SMC0_ARE CPTMR0_IN2 PB_10 SINC0_CLK0 SPI0_D2 CAN1_RX SMC0_AWE TM0_ACI1 PB_11 SINC0_D0 SPI0_D3 CAN1_TX SMC0_AMS0 TM0_ACLK1 PB_12 SINC0_D1 SPT0_BTDV UART2_RX SMC0_AOE TM0_ACI3 PB_13 SINC0_D2 CNT0_OUTA SPI0_SEL2 SMC0_A01 TM0_ACLK0/ SYS_DSWAKE3 PB_14 SINC0_D3 CNT0_OUTB SPI0_SEL3 SMC0_A02 SPI0_SS/ SYS_DSWAKE2 PB_15 CAN0_RX SPT1_ATDV UART1_RX SMC0_A03 TM0_ACI4 |