전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1456FH2BKBK.. 데이터시트(PDF) 1 Page - Hammond Manufacturing Ltd.

부품명 1456FH2BKBK..
상세설명  Purchased assembly includes case, cover, 4 cover screws, and 4 rubber feet. Case made from 12 Gauge aluminum (.081"),Top made from 14 Gauge aluminum (.064").
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1456FH2BKBK.. 데이터시트(HTML) 1 Page - Hammond Manufacturing Ltd.

  1456FH2BKBK.. Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Beige Top / Blue Case
1456FH2WHBU
Black Top / Blue Case
1456FH2BKBU
Black Top / Black Case
1456FH2BKBK
Natural Finish Cover Screws (Pkg 6)
[6‐32 x 1/4" Self‐Tapping Screws]
1421J6
Black Cover Screws (Pkg 6)
[6‐32 x 1/4" Self‐Tapping Screws]
1421J6BK
Rubber Feet [0.5 x 0.5" Self‐adhesive] (Pkg 24) 
1421T3
NOTE
1456
Purchased assembly includes case, cover, 4 cover screws, and 4 rubber feet.
Case made from 12 Gauge aluminum (.081"),Top made from 14 Gauge
aluminum (.064").
Recommended screw torque 150-175 cN-m (13.3-15.5 lbf-in)
1456FH2 Regular Enclosure
ACCESSORIES
ENCLOSURE CASE - BOTTOM VIEW
TOP PANEL - BOTTOM VIEW
DETAIL A
SECTION B-B
1456FH2
Dimensions:
mm
[inches]
www.hammondmfg.com
®
A
B
B
4.34
[.17]
4X
25.40
[1.00]
12.70
[.50]
18.19
[.72]
205.18
[8.08]
222.66
[8.77]
169.72
[6.68]
144.45
[5.69]
2.79
[.11]
8X
4.80
[.19]
4X
153.67
[6.05]
144.48
[5.69]
101.60
[4.00]
216.31
[8.52]
205.21
[8.08]
195.66
[7.70]
199.16
[7.84]
6.35
[.25]
3.18
[.13]
22.23
[.88]
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc.)
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
(Part number and text placement/orientation on our products are subject to change,
we do not recommend using them as a locating reference for modification purposes)
87.91
[3.46]
136.78
[5.39]
133.62
[5.26]
47.55
[1.87]
222.66
[8.77]
29.06
[1.14]
34.28
[1.35]
25.86
[1.02]
213.06
[8.39]
187.73
[7.39]
85.18
[3.35]
50.80
[2.00]
56.03
[2.21]
15.0°
2.06
[.08]
165.10
[6.50]
165.61
[6.52]
1.63
[.06]
168.28
[6.63]
56.03
[2.21]
21.41
[.84]
28.58
[1.13]


유사한 부품 번호 - 1456FH2BKBK..

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
1456FH2BKBK HAMMOND-1456FH2BKBK Datasheet
236Kb / 2P
Sloped Aluminum Consoles 1456 Series
12/27/2018
1456FH2BKBK HAMMOND-1456FH2BKBK Datasheet
236Kb / 2P
Sloped Aluminum Consoles 1456 Series
1/28/2019
More results

유사한 설명 - 1456FH2BKBK..

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
1590GBK HAMMOND-1590GBK Datasheet
137Kb / 1P
Purchased assembly includes box, lid and 4 cover screws.
1590WP1BK HAMMOND-1590WP1BK Datasheet
121Kb / 1P
Purchased assembly includes box, lid and 4 cover screws. Box and lid are made from Diecast Aluminum Alloy (alloy type 360.1).
1590FBK HAMMOND-1590FBK Datasheet
133Kb / 1P
Purchased assembly includes box, lid and 4 cover screws.
1551G HAMMOND-1551G Datasheet
295Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551M HAMMOND-1551M Datasheet
298Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551MFL HAMMOND-1551MFL Datasheet
299Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551N HAMMOND-1551N Datasheet
306Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551NFL HAMMOND-1551NFL Datasheet
296Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551QFL HAMMOND-1551QFL Datasheet
300Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1553AA HAMMOND-1553AA Datasheet
376Kb / 1P
Purchased assembly includes top and bottom cover, and 4 cover screws.
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com