전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1457U2802E.. 데이터시트(PDF) 1 Page - Hammond Manufacturing Ltd.

부품명 1457U2802E..
상세설명  EMI/RFI Shielded Extruded Aluminum Enclosures 1457-EMI Series EMI Gaskets, Heavy Duty, Optional Wall-Mounting Flanges
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1457U2802E.. 데이터시트(HTML) 1 Page - Hammond Manufacturing Ltd.

  1457U2802E.. Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1457U2802E.. Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1457U2802E.. Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
11/8/21, 1:44 AM
EMI/RFI Shielded Extruded Aluminum Enclosures (1457-EMI Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/extruded/1457-emi
1/3
Available with black powder
coat or clear anodize finish
and with or without wall-
Enclosure includes extruded
body, die-cast end panels,
gaskets (not water-tight), and
hardware. Extra end panel
EMI/RFI Shielded Extruded Aluminum Enclosures 1457-EMI Series
EMI Gaskets, Heavy Duty, Optional Wall-Mounting Flanges
Key Features:
Heavy duty extruded enclosures designed to house P.C. boards or for equipment
interfacing.
Sized for standard Eurocards.
P.C. boards mount horizontally by sliding into internal slots extruded into the enclosure
body.
Rugged body constructed from one piece, extruded aluminum with a minimum thickness
of .06” (1.5 mm).
Extruded aluminum body includes a recessed area for labels or membrane keypad.
Diecast aluminum end panels are rugged - yet easy to machine. Front & rear gasket is a
full perimeter conductive foam/fabric made of a Ni/Cu (nickel/copper) and CPSA
(conductive pressure sensitive adhesive).
Designed to meet IP 54 ratings.
Choice of two versions - end panels without flange or with flange (for shelf or wall
mounting).
Includes:
Two diecast aluminum end panels - painted in a durable, black satin powder paint.
Extruded, aluminum body (choice of either clear anodized or black powder paint finish).
Two - end plate EMI/RFI conductive gaskets.
All hardware and self-adhesive feet.
NOTE: Recommended screw torque is 5 lbf/in
Quality Products. Service Excellence.


유사한 부품 번호 - 1457U2802E..

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
1457U2802E. HAMMOND-1457U2802E. Datasheet
261Kb / 3P
EMI/RFI Shielded Extruded Aluminum Enclosures 1457-EMI Series EMI Gaskets, Heavy Duty, Optional Wall-Mounting Flanges
12/9/21, 1:51 AM
More results

유사한 설명 - 1457U2802E..

제조업체부품명데이터시트상세설명
logo
Glenair, Inc.
319AS120XN08 GLENAIR-319AS120XN08 Datasheet
297Kb / 2P
Composite EMI/RFI Backshell
559-002-02 GLENAIR-559-002-02 Datasheet
31Kb / 1P
EMI/Environmental Gaskets
M85049-78-09N01 GLENAIR-M85049-78-09N01 Datasheet
80Kb / 1P
EMI/RFI Environmental Backshell
440AH075NF08 GLENAIR-440AH075NF08_08 Datasheet
507Kb / 2P
EMI/RFI Banding Adapter
logo
Amphenol Corporation
M85049-10-49W AMPHENOL-M85049-10-49W Datasheet
4Mb / 33P
ENVIRONMENTAL EMI / RFI BACKSHELL
logo
Hammond Manufacturing L...
SCGM4 HAMMOND-SCGM4 Datasheet
240Kb / 5P
Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
logo
Glenair, Inc.
249-005 GLENAIR-249-005 Datasheet
72Kb / 1P
EMI/RFI Backshell
249-006 GLENAIR-249-006 Datasheet
72Kb / 1P
EMI/RFI Backshell
logo
Sangdest Microelectroni...
120NQ600-1 SMC-120NQ600-1 Datasheet
276Kb / 4P
Reduced RFI and EMI
logo
Hammond Manufacturing L...
1455 HAMMOND-1455 Datasheet
509Kb / 7P
Extruded Aluminum Enclosures
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com