전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1457U2802E.. 데이터시트(PDF) 2 Page - Hammond Manufacturing Ltd.

부품명 1457U2802E..
상세설명  EMI/RFI Shielded Extruded Aluminum Enclosures 1457-EMI Series EMI Gaskets, Heavy Duty, Optional Wall-Mounting Flanges
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1457U2802E.. 데이터시트(HTML) 2 Page - Hammond Manufacturing Ltd.

  1457U2802E.. Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1457U2802E.. Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1457U2802E.. Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
11/8/21, 1:44 AM
EMI/RFI Shielded Extruded Aluminum Enclosures (1457-EMI Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/extruded/1457-emi
2/3
mounting flanges.
kits are sold separately.
Enclosures
EMI Shielded, No Flanges EMI Shielded w/ Flanges
Extrusion Color
Extrusion Length Width Height
1457C801E
1457C802E
Clear Anodize
3.15
2.32
1.21
1457C801EBK
1457C802EBK
Black Powder Coat
3.15
2.32
1.21
1457C1201E
1457C1202E
Clear Anodize
4.73
2.32
1.21
1457C1201EBK
1457C1202EBK
Black Powder Coat
4.73
2.32
1.21
1457J1201E
1457J1202E
Clear Anodize
4.73
3.30
1.12
1457J1201EBK
1457J1202EBK
Black Powder Coat
4.73
3.30
1.12
1457K1201E
1457K1202E
Clear Anodize
4.73
3.30
1.73
1457K1201EBK
1457K1202EBK
Black Powder Coat
4.73
3.30
1.73
1457L1201E
1457L1202E
Clear Anodize
4.73
4.09
1.26
1457L1201EBK
1457L1202EBK
Black Powder Coat
4.73
4.09
1.26
1457N1201E
1457N1202E
Clear Anodize
4.73
4.09
2.15
1457N1201EBK
1457N1202EBK
Black Powder Coat
4.73
4.09
2.15
1457J1601E
1457J1602E
Clear Anodize
6.30
3.30
1.12
1457J1601EBK
1457J1602EBK
Black Powder Coat
6.30
3.30
1.12
1457K1601E
1457K1602E
Clear Anodize
6.30
3.30
1.73
1457K1601EBK
1457K1602EBK
Black Powder Coat
6.30
3.30
1.73
1457L1601E
1457L1602E
Clear Anodize
6.30
4.09
1.26
1457L1601EBK
1457L1602EBK
Black Powder Coat
6.30
4.09
1.26
1457N1601E
1457N1602E
Clear Anodize
6.30
4.09
2.15
1457N1601EBK
1457N1602EBK
Black Powder Coat
6.30
4.09
2.15
1457T1601E
1457T1602E
Clear Anodize
6.30
6.51
2.15
1457T1601EBK
1457T1602EBK
Black Powder Coat
6.30
6.51
2.15
1457U1601E
1457U1602E
Clear Anodize
6.30
7.52
2.68
1457U1601EBK
1457U1602EBK
Black Powder Coat
6.30
7.52
2.68
1457T2201E
1457T2202E
Clear Anodize
8.66
6.51
2.15
1457T2201EBK
1457T2202EBK
Black Powder Coat
8.66
6.51
2.15
1457U2201E
1457U2202E
Clear Anodize
8.66
7.52
2.68
1457U2201EBK
1457U2202EBK
Black Powder Coat
8.66
7.52
2.68
1457U2801E
1457U2802E
Clear Anodize
11.02
7.52
2.68
1457U2801EBK
1457U2802EBK
Black Powder Coat
11.02
7.52
2.68
Replacement End Panels
Enclosure Part
Number
End Panel Kit (No Mounting
Flanges)
End Panel Kit w/ Integrated Mounting
Flanges
Beginning With
2-pack
10-pack
2-pack
10-pack
1457C
1457CEP
1457CEP-10
1457CEPF
1457CEPF-10
1457J
1457JEP
1457JEP-10
1457JEPF
1457JEPF-10
1457K
1457KEP
1457KEP-10
1457KEPF
1457KEPF-10
1457L
1457LEP
1457LEP-10
1457LEPF
1457LEPF-10
1457N
1457NEP
1457NEP-10
1457NEPF
1457NEPF-10
1457T
1457TEP
1457TEP-10
1457TEPF
1457TEPF-10



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com