전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1457U2802.. 데이터시트(PDF) 1 Page - Hammond Manufacturing Ltd.

부품명 1457U2802..
상세설명  Watertight Extruded Aluminum Enclosures 1457 Series IP65, Heavy Duty, Wall-mounting Option
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1457U2802.. 데이터시트(HTML) 1 Page - Hammond Manufacturing Ltd.

  1457U2802.. Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1457U2802.. Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1457U2802.. Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
11/7/21, 5:40 AM
Watertight Extruded Aluminum Enclosures (1457 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/extruded/1457
1/3
Available with black powder
coat or clear anodize finish
and with or without wall-
Enclosure includes extruded
body, die-cast end panels,
gaskets, and hardware.
Extra end panel kits are sold
Built to be water-proof and
Watertight Extruded Aluminum Enclosures 1457 Series
IP65, Heavy Duty, Wall-mounting Option
Key Features:
Watertight - heavy duty extruded enclosures designed to house P.C. boards or for
equipment interfacing.
Sized for standard Eurocards.
P.C. boards mount horizontally by sliding into internal slots extruded into the enclosure
body.
Rugged body constructed from one piece, extruded aluminum with a minimum thickness
of .06” (1.5 mm).
Extruded aluminum body includes a recessed area for labels or membrane keypad.
End panels are rugged - yet easy to machine - diecast aluminum with full perimeter self-
adhesive gaskets.
Designed to meet IP65.
Choice of two versions - end panels without flange or with flange (for shelf or wall
mounting).
Includes:
Two diecast aluminum end panels - painted in a durable, black satin powder paint.
Extruded, aluminum body (choice of either clear anodized or black powder paint finish).
Two closed cell polyethylene foam - end plate gaskets & rubber “O” rings for assembly
screws.
All hardware and self-adhesive feet.
Replacement assembly screws can be purchased in 100-packs under part
number 1457MS100
NOTE: Recommended screw torque is 5 lbf/in
Quality Products. Service Excellence.


유사한 부품 번호 - 1457U2802..

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
1457U2802 HAMMOND-1457U2802 Datasheet
313Kb / 3P
Watertight Extruded Aluminum Enclosures 1457 Series IP65, Heavy Duty, Wall-mounting Option
12/8/21, 6:28 AM
1457U2802BK HAMMOND-1457U2802BK Datasheet
313Kb / 3P
Watertight Extruded Aluminum Enclosures 1457 Series IP65, Heavy Duty, Wall-mounting Option
12/8/21, 6:28 AM
1457U2802BK. HAMMOND-1457U2802BK. Datasheet
313Kb / 3P
Watertight Extruded Aluminum Enclosures 1457 Series IP65, Heavy Duty, Wall-mounting Option
12/8/21, 6:28 AM
1457U2802E HAMMOND-1457U2802E Datasheet
259Kb / 3P
EMI/RFI Shielded Extruded Aluminum Enclosures 1457-EMI Series EMI Gaskets, Heavy Duty, Optional Wall-Mounting Flanges
11/8/21, 1:44 AM
1457U2802E HAMMOND-1457U2802E Datasheet
261Kb / 3P
EMI/RFI Shielded Extruded Aluminum Enclosures 1457-EMI Series EMI Gaskets, Heavy Duty, Optional Wall-Mounting Flanges
12/9/21, 1:51 AM
More results

유사한 설명 - 1457U2802..

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
52BAK SIEMENS-52BAK Datasheet
325Kb / 4P
30 mm Heavy Duty, Watertight/Oiltight, Class 52
logo
Hammond Manufacturing L...
SCGM4 HAMMOND-SCGM4 Datasheet
240Kb / 5P
Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
logo
Tripp Lite. All Rights ...
UPSHDEARKIT TRIPPLITE-UPSHDEARKIT Datasheet
470Kb / 2P
Heavy-Duty 2-post Front Mounting Ear Kit
logo
Laird Tech Smart Techno...
SQ2403 LSTD-SQ2403 Datasheet
703Kb / 1P
Heavy duty roof mounting
logo
Lumins Inc.
SQ502 LUMINIS-SQ502 Datasheet
122Kb / 2P
Extruded aluminum housing
SR515 LUMINIS-SR515 Datasheet
267Kb / 2P
Sealed cast aluminum wall mounting plate
logo
3M Electronics
438 3M-438 Datasheet
141Kb / 5P
3M™ Heavy Duty Aluminum Foil Tape 438
May-2017
logo
Hammond Manufacturing L...
1551W HAMMOND-1551W Datasheet
159Kb / 1P
Watertight Polycarbonate Miniature Enclosures
7/24/22
1455 HAMMOND-1455 Datasheet
509Kb / 7P
Extruded Aluminum Enclosures
logo
CamdenBoss Ltd.
CHDX7 CAMDENBOSS-CHDX7 Datasheet
723Kb / 6P
X7 series electrical heavy duty enclosures-polycarbonate
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com