전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1457U2802.. 데이터시트(PDF) 2 Page - Hammond Manufacturing Ltd.

부품명 1457U2802..
상세설명  Watertight Extruded Aluminum Enclosures 1457 Series IP65, Heavy Duty, Wall-mounting Option
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1457U2802.. 데이터시트(HTML) 2 Page - Hammond Manufacturing Ltd.

  1457U2802.. Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1457U2802.. Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1457U2802.. Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
11/7/21, 5:40 AM
Watertight Extruded Aluminum Enclosures (1457 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/extruded/1457
2/3
mounting flanges.
separately.
very rugged.
Enclosures
Water-Tight, No Flanges
Water-Tight w/ Flanges
Extrusion Color
Extrusion Length Width Height
1457C801
1457C802
Clear Anodize
3.15
2.32
1.21
1457C801BK
1457C802BK
Black Powder Coat
3.15
2.32
1.21
1457C1201
1457C1202
Clear Anodize
4.73
2.32
1.21
1457C1201BK
1457C1202BK
Black Powder Coat
4.73
2.32
1.21
1457J1201
1457J1202
Clear Anodize
4.73
3.30
1.12
1457J1201BK
1457J1202BK
Black Powder Coat
4.73
3.30
1.12
1457K1201
1457K1202
Clear Anodize
4.73
3.30
1.73
1457K1201BK
1457K1202BK
Black Powder Coat
4.73
3.30
1.73
1457L1201
1457L1202
Clear Anodize
4.73
4.09
1.26
1457L1201BK
1457L1202BK
Black Powder Coat
4.73
4.09
1.26
1457N1201
1457N1202
Clear Anodize
4.73
4.09
2.15
1457N1201BK
1457N1202BK
Black Powder Coat
4.73
4.09
2.15
1457J1601
1457J1602
Clear Anodize
6.30
3.30
1.12
1457J1601BK
1457J1602BK
Black Powder Coat
6.30
3.30
1.12
1457K1601
1457K1602
Clear Anodize
6.30
3.30
1.73
1457K1601BK
1457K1602BK
Black Powder Coat
6.30
3.30
1.73
1457L1601
1457L1602
Clear Anodize
6.30
4.09
1.26
1457L1601BK
1457L1602BK
Black Powder Coat
6.30
4.09
1.26
1457N1601
1457N1602
Clear Anodize
6.30
4.09
2.15
1457N1601BK
1457N1602BK
Black Powder Coat
6.30
4.09
2.15
1457T1601
1457T1602
Clear Anodize
6.30
6.51
2.15
1457T1601BK
1457T1602BK
Black Powder Coat
6.30
6.51
2.15
1457U1601
1457U1602
Clear Anodize
6.30
7.52
2.68
1457U1601BK
1457U1602BK
Black Powder Coat
6.30
7.52
2.68
1457T2201
1457T2202
Clear Anodize
8.66
6.51
2.15
1457T2201BK
1457T2202BK
Black Powder Coat
8.66
6.51
2.15
1457U2201
1457U2202
Clear Anodize
8.66
7.52
2.68
1457U2201BK
1457U2202BK
Black Powder Coat
8.66
7.52
2.68
1457U2801
1457U2802
Clear Anodize
11.02
7.52
2.68
1457U2801BK
1457U2802BK
Black Powder Coat
11.02
7.52
2.68
Replacement End Panels
Enclosure Part
Number
End Panel Kit (No Mounting
Flanges)
End Panel Kit w/ Integrated Mounting
Flanges
Beginning With
2-pack
10-pack
2-pack
10-pack
1457C
1457CWP
1457CWP-10
1457CWPF
1457CWPF-10
1457J
1457JWP
1457JWP-10
1457JWPF
1457JWPF-10
1457K
1457KWP
1457KWP-10
1457KWPF
1457KWPF-10
1457L
1457LWP
1457LWP-10
1457LWPF
1457LWPF-10
1457N
1457NWP
1457NWP-10
1457NWPF
1457NWPF-10
1457T
1457TWP
1457TWP-10
1457TWPF
1457TWPF-10



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com