전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B32021 데이터시트(PDF) 3 Page - EPCOS

부품명 B32021
상세설명  Film Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B32021 데이터시트(HTML) 3 Page - EPCOS

  B32021 Datasheet HTML 1Page - EPCOS B32021 Datasheet HTML 2Page - EPCOS B32021 Datasheet HTML 3Page - EPCOS B32021 Datasheet HTML 4Page - EPCOS B32021 Datasheet HTML 5Page - EPCOS B32021 Datasheet HTML 6Page - EPCOS B32021 Datasheet HTML 7Page - EPCOS B32021 Datasheet HTML 8Page - EPCOS B32021 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Marking example (position of marks may vary):
Approvals
Approval marks
Standards
Certificate
EN 60384-14:2014/A1:2016
IEC 60384-14:2013/AMD1:2016
40018909
UL 1414:2000
UL 1283:2005
E97863 / E157153
CSA C22.2 No.1:2004
CSA C22.2 No.8:2013
E97863 / E157153 (approved by UL)
UL 60384-14:2014
CSA E60384-14:2013
E97863 (approved by UL)
Notes:
Effective January 2014, only for EMI supression capacitors:
UL 60384-14:2014 certification replaces both UL 1414:2000 and
UL 1283:2005 standards.
CSA C22.2 No.1.2004 and CSA C22.2 No.8:2013 are replaced by
CSA E60384-14:2013.
References like 1414, 1283 are removed from the capacitor marking.
Capacitors under UL 1414:2000, UL 1283:2005 produced during or before
2013, are accepted under UL scope.
Capacitors under CSA C22.2 No.1:2004 / CSA C22.2 No.8:2013 produced
during or before 2013, are accepted under cUL scope.
B32021 ... B32026
Y2/300VAC
Page3of23
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23