전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1590FF... 데이터시트(PDF) 5 Page - Hammond Manufacturing Ltd.

부품명 1590FF...
상세설명  Diecast Aluminum Enclosures 1590 Series General Purpose, Wall-Mounting, Water-Tight, Colors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1590FF... 데이터시트(HTML) 5 Page - Hammond Manufacturing Ltd.

  1590FF... Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1590FF... Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1590FF... Datasheet HTML 3Page - Hammond Manufacturing Ltd. 1590FF... Datasheet HTML 4Page - Hammond Manufacturing Ltd. 1590FF... Datasheet HTML 5Page - Hammond Manufacturing Ltd. 1590FF... Datasheet HTML 6Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
12/27/2018
Diecast Aluminum Enclosures (1590 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/diecast/1590
5/6
No Mounting Flanges
w/ Flanged Lid
w/ Flanged Bottom Plate
Height Optional
Standard
Water-Tight
Standard
Water-Tight
Standard
Water-Tight
(Less
Replacement
Version
Version
Version
Version
Version
Version
Color
Length Width
Lid)
Gasket Kit
1590P1
1590WP1
1590P1FL
1590WP1FL
1590P1F
1590WP1F
Natural
6.01
3.24
1.81
1590PGASKET
1590P1BK
1590WP1BK
1590P1FLBK
1590WP1FLBK
1590P1FBK
1590WP1FBK
Black
6.01
3.24
1.81
1590PGASKET
1590DD
1590WDD
1590DDFL
1590WDDFL
1590DDF
1590WDDF
Natural
7.38
4.70
1.30
1590EGASKET
1590DDBK
1590WDDBK
1590DDFLBK
1590WDDFLBK
1590DDFBK
1590WDDFBK
Black
7.38
4.70
1.30
1590EGASKET
1590D
1590WD
1590DFL
1590WDFL
1590DF
1590WDF
Natural
7.38
4.70
2.05
1590EGASKET
1590DBK
1590WDBK
1590DFLBK
1590WDFLBK
1590DFBK
1590WDFBK
Black
7.38
4.70
2.05
1590EGASKET
1590E
1590WE
1590EFL
1590WEFL
1590EF
1590WEF
Natural
7.38
4.70
3.07
1590EGASKET
1590EBK
1590WEBK
1590EFLBK
1590WEFLBK
1590EFBK
1590WEFBK
Black
7.38
4.70
3.07
1590EGASKET
1590F
1590WF
1590FFL
1590WFFL
1590FF
1590WFF
Natural
7.38
7.38
2.48
1590FGASKET
1590FBK
1590WFBK
1590FFLBK
1590WFFLBK
1590FFBK
1590WFFBK
Black
7.38
7.38
2.48
1590FGASKET
1590R1
1590WR1
1590R1FL
1590WR1FL
1590R1F
1590WR1F
Natural
7.55
4.38
2.24
1590RGASKET
1590R1BK
1590WR1BK
1590R1FLBK
1590WR1FLBK
1590R1FBK
1590WR1FBK
Black
7.55
4.38
2.24
1590RGASKET
1590DE
1590WDE
Natural
7.88
4.73
2.37
1590DEGASKET
1590DEBK
1590WDEBK
Black
7.88
4.73
2.37
1590DEGASKET
1590EE
1590WEE
Natural
7.88
4.73
3.17
1590DEGASKET
1590EEBK
1590WEEBK
Black
7.88
4.73
3.17
1590DEGASKET
1590BX2
1590WBX2
1590BX2FL
1590WBX2FL
1590BX2F
1590WBX2F
Natural
10.00
2.80
1.40
1590BXGASKET
1590BX2BK 1590WBX2BK 1590BX2FLBK 1590WBX2FLBK
1590BX2FBK 1590WBX2FBK
Black
10.00
2.80
1.40
1590BXGASKET
1590BX
1590WBX
1590BXFL
1590WBXFL
1590BXF
1590WBXF
Natural
10.00
2.80
2.00
1590BXGASKET
1590BXBK
1590WBXBK
1590BXFLBK
1590WBXFLBK
1590BXFBK
1590WBXFBK
Black
10.00
2.80
2.00
1590BXGASKET
NOTE: Lid height is 0.16" (4 mm)
Replacement or Upgrade Hardware Packs
Philips Head Machine Screws (100 or 50-packs)
Torx with Pin Tamper-Resistant Screws (50-packs)
Water
Water-Tight
Water
Water-Tight
Screwdriver
Size
Natural
Black
Tight
Black
Natural
Black
Tight
Black
Bit
1590LLB
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590LB
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590H
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590Y
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590A
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590G
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590G2
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590S
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590B
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590B2
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590BS
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590B3
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590BB
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590BB2 1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590BBS 1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590Q
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590U
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590V
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590C
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590T
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590CE
1550MS100 1550MS100BK 1550WMS100 1550WMS100BK 1550MS50T 1550MS50TBK 1550WMS50T 1550WMS50TBK SCDRIVET15-2
1590N1
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590KK
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590K
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590J
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2
1590XX
1590MS100
1590MS50BK
1590WMS100 1590WMS100BK 1590MS50T 1590MS50TBK 1590WMS50T 1590WMS50TBK SCDRIVET10-2



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com