전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1590FF... 데이터시트(PDF) 1 Page - Hammond Manufacturing Ltd.

부품명 1590FF...
상세설명  Diecast Aluminum Enclosures 1590 Series General Purpose, Wall-Mounting, Water-Tight, Colors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1590FF... 데이터시트(HTML) 1 Page - Hammond Manufacturing Ltd.

  1590FF... Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1590FF... Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1590FF... Datasheet HTML 3Page - Hammond Manufacturing Ltd. 1590FF... Datasheet HTML 4Page - Hammond Manufacturing Ltd. 1590FF... Datasheet HTML 5Page - Hammond Manufacturing Ltd. 1590FF... Datasheet HTML 6Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
12/27/2018
Diecast Aluminum Enclosures (1590 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/diecast/1590
1/6
No mounting flanges
Spot-welded bottom flange
Wall-mounting flange
integrated into lid.
Lap joint construction where
lid and box meet.
Water-tight versions and
gasket upgrades available for
most sizes.
Diecast Aluminum Enclosures 1590 Series
General Purpose, Wall-Mounting, Water-Tight, Colors
Features
Rugged, diecast aluminum alloy (tough - yet easy to machine), electronic instrument
enclosure.
Lap joint construction provides protection against access of dust and splashing water.
Also provides for improved EMI/RFI shielding.
Unpainted version is vibra finished for a smooth surface with no sharp edges.
Satin black painted version is painted with tough polyester powder paint for a lasting
finish, even after machining. Black screws are included to enhance appearance.
Includes screws threaded into factory-tapped holes. Screw type and quantity vary. See
details below or in drawings.
Standard versions are designed to meet IP54.
Water-tight versions are designed to meet IP65.
Low side wall draft angle (2 degrees or less) for easy P.C. board mounting.
Photo Features
Hardware
NOTE: 1590 series enclosures feature factory-tapped assembly screw holes that accept machine
screws, which are included with the enclosures. Most sizes require four (4) screws. 1590BX,
Quality Products. Service Excellence.


유사한 부품 번호 - 1590FF...

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
1590FF HAMMOND-1590FF Datasheet
347Kb / 10P
Die-Cast Aluminum
1590FFBK HAMMOND-1590FFBK Datasheet
347Kb / 10P
Die-Cast Aluminum
1590FFL HAMMOND-1590FFL Datasheet
275Kb / 1P
Na tu ra l F in ish En clo su re
1590FFL HAMMOND-1590FFL Datasheet
347Kb / 10P
Die-Cast Aluminum
1590FFL HAMMOND-1590FFL Datasheet
128Kb / 2P
Natural & Painted Flanged Lid (1590 Series)
More results

유사한 설명 - 1590FF...

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
1590VFL HAMMOND-1590VFL Datasheet
152Kb / 2P
DIECAST ALUMINUM ENCLOSURES
SCGM4 HAMMOND-SCGM4 Datasheet
240Kb / 5P
Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
logo
Bivar, Inc.
PM5-A17R110AC BIVAR-PM5-A17R110AC Datasheet
234Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-A17R28V BIVAR-PM5-A17R28V Datasheet
234Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-A17W110AC BIVAR-PM5-A17W110AC Datasheet
234Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-A17W28V BIVAR-PM5-A17W28V Datasheet
234Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-S17G110AC BIVAR-PM5-S17G110AC Datasheet
229Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-S17R110AC BIVAR-PM5-S17R110AC Datasheet
229Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-S17W110AC BIVAR-PM5-S17W110AC Datasheet
229Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-S17Y28V BIVAR-PM5-S17Y28V Datasheet
229Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com