전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B597 데이터시트(PDF) 12 Page - EPCOS

부품명 B597
상세설명  PTC thermistors for overcurrent protection and as inrush current limiters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B597 데이터시트(HTML) 12 Page - EPCOS

Back Button B597 Datasheet HTML 8Page - EPCOS B597 Datasheet HTML 9Page - EPCOS B597 Datasheet HTML 10Page - EPCOS B597 Datasheet HTML 11Page - EPCOS B597 Datasheet HTML 12Page - EPCOS B597 Datasheet HTML 13Page - EPCOS B597 Datasheet HTML 14Page - EPCOS B597 Datasheet HTML 15Page - EPCOS B597 Datasheet HTML 16Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
PTC thermistors for overcurrent protection and as inrush current limiters
Leaded disks, 260 V up to 1000 V
B597**C0*/ B594**C1*
PPD PTC PD
2022-01-28
Please read Cautions and warnings and
Page 12 of 23
Important notes at the end of this document.
Characteristics (typical)
PTC resistance RPTC versus
PTC temperature TPTC
(measured at low signal voltage)
Minimum resistance of PTC thermistors
versus applied voltage (pulsed)
Residual current in high-ohmic state Ires as
function of applied voltage VPTC, typical
(measured at 25 °C in still air)
Switching time tS versus switching current IS
(measured at 25 °C in still air)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com