전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B597 데이터시트(PDF) 5 Page - EPCOS

부품명 B597
상세설명  PTC thermistors for overcurrent protection and as inrush current limiters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B597 데이터시트(HTML) 5 Page - EPCOS

  B597 Datasheet HTML 1Page - EPCOS B597 Datasheet HTML 2Page - EPCOS B597 Datasheet HTML 3Page - EPCOS B597 Datasheet HTML 4Page - EPCOS B597 Datasheet HTML 5Page - EPCOS B597 Datasheet HTML 6Page - EPCOS B597 Datasheet HTML 7Page - EPCOS B597 Datasheet HTML 8Page - EPCOS B597 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
PTC thermistors for overcurrent protection and as inrush current limiters
Leaded disks, 260 V up to 1000 V
B597**C0*/ B594**C1*
PPD PTC PD
2022-01-28
Please read Cautions and warnings and
Page 5 of 23
Important notes at the end of this document.
Calculation of the number of required PTC elements
Number of required PTC elements (connected in parallel) as function of capacitance and charging
voltage of smoothing or DC link capacitor:
K
K factor
K = 1 for DC source
K = 0.96 for 3-phase bridge rectifier
K = 0.76 for single phase bridge rectifier
N
Number of required PTC thermistors connected in parallel
C
Capacitance of smoothing or DC link capacitor in F
V
Charging voltage of capacitor in V
Cth
Heat capacity in J/K
Tref
Reference temperature of PTC in °C
TA,max Expected maximum ambient temperature in °C
In case of large N values the resulting resistance of the parallel PTC network might be too low for
effective limitation of the charging current. In this case a combination of series and parallel connected
PTC thermistors can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com