전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G11GS 데이터시트(PDF) 3 Page - Nexperia B.V. All rights reserved

부품명 74LVC1G11GS
상세설명  Single 3-input AND gate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G11GS 데이터시트(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC1G11GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G11GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G11GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G11GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G11GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G11GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G11GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G11GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G11GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
74LVC1G11
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 9 — 28 November 2016
3 of 18
NXP Semiconductors
74LVC1G11
Single 3-input AND gate
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 4.
Pin configuration SOT363 and SOT457
Fig 5.
Pin configuration SOT886
Fig 6.
Pin configuration SOT891, SOT1115 and
SOT1202
Fig 7.
Pin configuration SOT1255 (X2SON6)
Table 3.
Pin description
Symbol
Pin
Description
A
1
data input
GND
2
ground (0 V)
B
3
data input
Y
4
data output
VCC
5
supply voltage
C
6
data input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com