전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G11GS 데이터시트(PDF) 1 Page - Nexperia B.V. All rights reserved

부품명 74LVC1G11GS
상세설명  Single 3-input AND gate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G11GS 데이터시트(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC1G11GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G11GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G11GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G11GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G11GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G11GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G11GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G11GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G11GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The 74LVC1G11 provides a single 3-input AND gate.
The input can be driven from either 3.3 V or 5 V devices. This feature allows the use of
this device in a mixed 3.3 V and 5 V environment.
Schmitt-trigger action at all inputs makes the circuit highly tolerant to slower input rise and
fall time.
This device is fully specified for partial power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
2.
Features and benefits
 Wide supply voltage range from 1.65 V to 5.5 V
 5 V tolerant inputs for interfacing with 5 V logic
 High noise immunity
 Complies with JEDEC standard:
 JESD8-7 (1.65 V to 1.95 V)
 JESD8-5 (2.3 V to 2.7 V)
 JESD8-B/JESD36 (2.7 V to 3.6 V)
24 mA output drive (V
CC =3.0 V)
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 CMOS low power consumption
 Latch-up performance exceeds 250 mA
 Direct interface with TTL levels
 Multiple package options
 Specified from
40 Cto+85 C and 40 Cto+125 C
74LVC1G11
Single 3-input AND gate
Rev. 9 — 28 November 2016
Product data sheet


유사한 부품 번호 - 74LVC1G11GS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1G11GS PHILIPS-74LVC1G11GS Datasheet
195Kb / 17P
Single 3-input AND gate
Rev. 7-4 July 2012
logo
Nexperia B.V. All right...
74LVC1G11GS NEXPERIA-74LVC1G11GS Datasheet
261Kb / 16P
Single 3-input AND gate
Rev. 13 - 9 May 2023
More results

유사한 설명 - 74LVC1G11GS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC1G11 PHILIPS-74LVC1G11 Datasheet
71Kb / 14P
Single 3-input AND gate
Rev. 01-30 November 2004
logo
Texas Instruments
SN74LVC1G11-EP TI-SN74LVC1G11-EP Datasheet
532Kb / 11P
SINGLE 3-INPUT POSITIVE AND GATE
logo
NXP Semiconductors
74LVC1G11 NXP-74LVC1G11 Datasheet
84Kb / 14P
Single 3-input AND gate
Rev. 04-1 August 2007
logo
Diodes Incorporated
74LVC1G11_1107 DIODES-74LVC1G11_1107 Datasheet
309Kb / 13P
SINGLE 3 INPUT POSITIVE AND GATE
Rev 3
logo
Texas Instruments
SN74LVC1G11-Q1 TI1-SN74LVC1G11-Q1 Datasheet
321Kb / 11P
SINGLE 3-INPUT POSITIVE-AND GATE
logo
NXP Semiconductors
74LVC1G11GW PHILIPS-74LVC1G11GW Datasheet
195Kb / 17P
Single 3-input AND gate
Rev. 7-4 July 2012
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11_15 Datasheet
191Kb / 6P
SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11-EP TI1-SN74LVC1G11-EP_16 Datasheet
838Kb / 12P
SINGLE 3-INPUT POSITIVE AND GATE
logo
Nexperia B.V. All right...
74LVC1G11-Q100 NEXPERIA-74LVC1G11-Q100 Datasheet
777Kb / 13P
Single 3-input AND gate
74LVC1G11 NEXPERIA-74LVC1G11 Datasheet
261Kb / 16P
Single 3-input AND gate
Rev. 13 - 9 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com