전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G86GS 데이터시트(PDF) 13 Page - Nexperia B.V. All rights reserved

부품명 74LVC1G86GS
상세설명  2-input EXCLUSIVE-OR gate
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G86GS 데이터시트(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G86GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC1G86GS Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
74LVC1G86
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 2 July 2012
13 of 19
NXP Semiconductors
74LVC1G86
2-input EXCLUSIVE-OR gate
Fig 14. Package outline SOT1115 (XSON6)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1115
sot1115_po
10-04-02
10-04-07
Unit
mm
max
nom
min
0.35
0.04
0.95
0.90
0.85
1.05
1.00
0.95
0.55
0.3
0.40
0.35
0.32
A(1)
Dimensions
Note
1. Including plating thickness.
2. Visible depending upon used manufacturing technology.
XSON6: extremely thin small outline package; no leads;
6 terminals; body 0.9 x 1.0 x 0.35 mm
SOT1115
A1
b
0.20
0.15
0.12
DE
e
e1
L
0.35
0.30
0.27
L1
0
0.5
1 mm
scale
terminal 1
index area
D
E
(4
×)(2)
e1
e1
e
L
L1
b
3
2
1
6
5
4
(6
×)(2)
A1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19