전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADSV2536BK.. 데이터시트(PDF) 1 Page - Hammond Manufacturing Ltd.

부품명 ADSV2536BK..
상세설명  Adjustable Depth Shelf ADS Series Up to 550 lbs (250 kg) Weight Capacity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

ADSV2536BK.. 데이터시트(HTML) 1 Page - Hammond Manufacturing Ltd.

  ADSV2536BK.. Datasheet HTML 1Page - Hammond Manufacturing Ltd. ADSV2536BK.. Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9/3/22, 11:24 AM
Adjustable Depth Shelf (ADS Series) - Hammond Mfg.
https://www.hammfg.com/dci/products/accessories/ads
1/2
Mounting Hardware
Rack Equipment Installation Tool
Adjustable Depth Shelf ADS Series
Up to 550 lbs (250 kg) Weight Capacity
Features
Constructed of 14-Gauge Steel.
Telescoping design provides three (3) usable depths.
Fits within a single EIA rack unit and telescopes to cover the entire depth.
Available in both solid and vented.
Choose the vented option to allow for airflow and/or cable management tie points.
Ships fully assembled.
Mounts to 4 post frame/rack
Shelf load capacity is noted in the table below.
Optional ADSB support bar increases load capacity up to 550 lbs (250 kg).
36-42 inch depth option rated for 450 lbs (204 kg) with ADSB installed.
Finished in RAL9005 black powder paint.
TAA-compliant for GSA Schedule purchases.
RoHS and REACH compliant.
Manufactured in North America.
Gallery
Accessories
Quality Products. Service Excellence.


유사한 부품 번호 - ADSV2536BK..

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
ADSV2536BK HAMMOND-ADSV2536BK Datasheet
140Kb / 1P
Adjustable Depth Shelf ADS Series
12/29/2017
More results

유사한 설명 - ADSV2536BK..

제조업체부품명데이터시트상세설명
logo
PANDUIT CORP.
CD-1525 PANDUIT-CD-1525 Datasheet
270Kb / 1P
TOOL WEIGHT: 1.70 lbs./ 0.77 Kg
logo
Tripp Lite. All Rights ...
SRSHELF2P TRIPPLITE-SRSHELF2P Datasheet
487Kb / 2P
SmartRack 2U Cantilever Fixed Shelf (60 lb / 27 kg capacity; 18-in. / 457 mm depth.)
SRSHELF2P1U TRIPPLITE-SRSHELF2P1U Datasheet
479Kb / 2P
SmartRack 1U Cantilever Fixed Shelf (40 lb / 18 kg capacity; 12-in. / 305 mm depth.)
SRSHELF2PDP TRIPPLITE-SRSHELF2PDP Datasheet
489Kb / 2P
2U Cantilever Fixed Shelf (60 lb / 27 kg capacity; 21in. / 533.4 mm depth.)
SRSHELF2PTM TRIPPLITE-SRSHELF2PTM Datasheet
520Kb / 2P
SmartRack 2U Cantilever Toolless Mount Fixed Shelf (50 lb/22.7 kg capacity; 18 in./457 mm depth)
SRSHELF4PHD TRIPPLITE-SRSHELF4PHD Datasheet
473Kb / 2P
SmartRack Heavy-Duty Fixed Shelf (250 lb/113 kg capacity; 26 in/660 mm depth)
SRSHELF4PHDTM TRIPPLITE-SRSHELF4PHDTM Datasheet
500Kb / 2P
SmartRack Fixed Heavy-Duty Toolless Mount Shelf (250 lb/113 kg capacity; 26 in./660 mm depth)
SRSHELF4PKYBD TRIPPLITE-SRSHELF4PKYBD Datasheet
475Kb / 2P
SmartRack Keyboard Shelf (25 lb/11 kg capacity; 16in / 406 mm depth)
SRSHELF4PSL TRIPPLITE-SRSHELF4PSL Datasheet
478Kb / 2P
SmartRack Standard Sliding Shelf (50 lb/23 kg capacity; 28.3 in/719 mm depth)
SRSHELF4PSLHD TRIPPLITE-SRSHELF4PSLHD Datasheet
477Kb / 2P
SmartRack Heavy-Duty Sliding Shelf (200 lb/91 kg capacity; 26 in/660 mm depth.)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com