전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADSV2536BK.. 데이터시트(PDF) 2 Page - Hammond Manufacturing Ltd.

부품명 ADSV2536BK..
상세설명  Adjustable Depth Shelf ADS Series Up to 550 lbs (250 kg) Weight Capacity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMMOND [Hammond Manufacturing Ltd.]
홈페이지  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

ADSV2536BK.. 데이터시트(HTML) 2 Page - Hammond Manufacturing Ltd.

  ADSV2536BK.. Datasheet HTML 1Page - Hammond Manufacturing Ltd. ADSV2536BK.. Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9/3/22, 11:24 AM
Adjustable Depth Shelf (ADS Series) - Hammond Mfg.
https://www.hammfg.com/dci/products/accessories/ads
2/2
Data subject to change without notice
Part No.
Part No.
Overall Dimensions
Adjustable Depth Range
Rack
Weight Load
Optional Heavy Duty
Solid
Vented
Height
Width
Min
Max
Units
Capacity
Support Bar
ADSU1825BK
ADSV1825BK
1.72
19.00
18.00
25.00
1U
350 lbs (158 kg)
ADSB
ADSU2536BK
ADSV2536BK
1.72
19.00
25.00
36.00
1U
350 lbs (158 kg)
ADSB
ADSU3642BK
ADSV3642BK
1.72
19.00
36.00
42.00
1U
275 lbs (125 kg)
ADSB
© 2022. Hammond Manufacturing Ltd. All rights reserved.



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com