전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC3G34GS 데이터시트(PDF) 8 Page - Nexperia B.V. All rights reserved

부품명 74LVC3G34GS
상세설명  Triple buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC3G34GS 데이터시트(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74LVC3G34GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC3G34GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC3G34GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC3G34GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC3G34GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC3G34GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC3G34GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC3G34GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC3G34GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC3G34
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 12 — 15 December 2016
8 of 21
Nexperia
74LVC3G34
Triple buffer
11. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nA to nY; see Figure 8
[2]
VCC = 1.65 V to 1.95 V
1.0
3.8
8.6
1.0
10.8
ns
VCC = 2.3 V to 2.7 V
0.5
2.4
4.4
0.5
5.5
ns
VCC = 2.7 V
0.5
2.5
5.0
0.5
6.3
ns
VCC = 3.0 V to 3.6 V
0.5
2.2
4.1
0.5
5.1
ns
VCC = 4.5 V to 5.5 V
0.5
1.9
3.2
0.5
4.0
ns
CPD
power dissipation
capacitance
VI = GND to VCC; VCC = 3.3 V
[3]
-14-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com