전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC3G34GS 데이터시트(PDF) 9 Page - Nexperia B.V. All rights reserved

부품명 74LVC3G34GS
상세설명  Triple buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC3G34GS 데이터시트(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74LVC3G34GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC3G34GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC3G34GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC3G34GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC3G34GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC3G34GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC3G34GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC3G34GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC3G34GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC3G34
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 12 — 15 December 2016
9 of 21
Nexperia
74LVC3G34
Triple buffer
12. AC waveforms
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage
levels that occur with the output load.
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe
capacitance.
RT = Termination resistance should be equal to the
output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 8.
The data input (nA) to output (nY) propagation
delays
Fig 9.
Test circuit for measuring switching times
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
1.65 V to 1.95 V
0.5
 V
CC
0.5
 V
CC
2.3 V to 2.7 V
0.5
 V
CC
0.5
 V
CC
2.7V
1.5V
1.5V
3.0V to 3.6V
1.5V
1.5V
4.5 V to 5.5 V
0.5
 V
CC
0.5
 V
CC
Table 10.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr =tf
CL
RL
tPLH, tPHL
1.65 V to 1.95 V
VCC
 2.0ns
30pF
1k
open
2.3 V to 2.7 V
VCC
 2.0ns
30pF
500
open
2.7V
2.7V
 2.5ns
50pF
500
open
3.0V to 3.6V
2.7V
 2.5ns
50pF
500
open
4.5 V to 5.5 V
VCC
 2.5ns
50pF
500
open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com