전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DDE104 데이터시트(PDF) 39 Page - OSRAM GmbH

부품명 DDE104
상세설명  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DDE104 데이터시트(HTML) 39 Page - OSRAM GmbH

Back Button DDE104 Datasheet HTML 35Page - OSRAM GmbH DDE104 Datasheet HTML 36Page - OSRAM GmbH DDE104 Datasheet HTML 37Page - OSRAM GmbH DDE104 Datasheet HTML 38Page - OSRAM GmbH DDE104 Datasheet HTML 39Page - OSRAM GmbH DDE104 Datasheet HTML 40Page - OSRAM GmbH DDE104 Datasheet HTML 41Page - OSRAM GmbH DDE104 Datasheet HTML 42Page - OSRAM GmbH DDE104 Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
3. Circuits
38
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
3.2.3 Operation of
OSRAM DULUX®
S/E, D/E and T/E
with external
starter and CCG
OSRAM DULUX® S, D and T lamps (with two-pin bases) have been designed specifi-
cally for operation with conventional control gear. Integrated in their bases is a special-
ly developed glow starter that has been adapted to the particular requirements of
these compact fluorescent lamps. OSRAM DULUX® S/E, D/E and T/E with four-pin
bases are intended for operation with electronic control gear, and hence without a star-
ter. Generally, it is possible to operate OSRAM DULUX® S/E, D/E and T/E lamps (13 W,
18 W and 26 W only) with conventional control gear and an external starter under nor-
mal operating conditions. However, there is no starter currently available on the market
that has been designed specifically for this purpose (see also 6.3).
In this mode, considerable limitations can therefore be expected, such as greatly
reduced lamp life with lamp glass blackening on the electrode side and longer
ignition times. For this reason, this mode of operation is not recommended or
supported by OSRAM.
OSRAM DULUX® T/E 32 W, 42 W, 57 W and 70 W lamps and OSRAM DULUX® L 40,
55 and 80 W lamps are approved only for ECG operation owing to their high arc
voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com