전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DDE104 데이터시트(PDF) 44 Page - OSRAM GmbH

부품명 DDE104
상세설명  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DDE104 데이터시트(HTML) 44 Page - OSRAM GmbH

Back Button DDE104 Datasheet HTML 40Page - OSRAM GmbH DDE104 Datasheet HTML 41Page - OSRAM GmbH DDE104 Datasheet HTML 42Page - OSRAM GmbH DDE104 Datasheet HTML 43Page - OSRAM GmbH DDE104 Datasheet HTML 44Page - OSRAM GmbH DDE104 Datasheet HTML 45Page - OSRAM GmbH DDE104 Datasheet HTML 46Page - OSRAM GmbH DDE104 Datasheet HTML 47Page - OSRAM GmbH DDE104 Datasheet HTML 48Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
100
50
10
0
020
40
60
80
43
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
4.3
Run-up behaviour
(Luminous flux)
100
80
60
40
20
0
0
50
100
150
200
250
300
Typical run-up behaviour of OSRAM DULUX® lamps (except special models) in ECG
operation, 25 ºC ambient temperature, 230 V / 50 Hz, free-burning
100
80
60
40
20
0
0
50
100
150
200
250
300
Typical run-up behaviour of OSRAM DULUX® L and L...SP lamps in a side surface-
mounted luminaire until 90 % of the luminous flux is reached.
The curves relate to a luminaire ambient temperature of -5 ºC. Burning position of the
lamps in the luminaire horizontal +9.5 º angle.
4. Operating characteristics
Typical run-up behaviour of OSRAM DULUX® lamps (except special models) in CCG
operation, 25 ºC ambient temperature, 230 V / 50 Hz, free-burning
Base down
Horizontal
Base up
Base down
Horizontal
Base up
DULUX L/SP
DULUX L
Run-up time (sec.)
Run-up time (sec.)
Run-up time (min.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com