| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QFAA-R 데이터시트(PDF) 406 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R 데이터시트(HTML) 406 Page - Nordic Semiconductor |
|
406 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW COMPARE0_CLEAR Shortcut between COMPARE[0] event and CLEAR task See EVENTS_COMPARE[0] and TASKS_CLEAR Disabled 0 Disable shortcut Enabled 1 Enable shortcut B RW COMPARE1_CLEAR Shortcut between COMPARE[1] event and CLEAR task See EVENTS_COMPARE[1] and TASKS_CLEAR Disabled 0 Disable shortcut Enabled 1 Enable shortcut C RW COMPARE2_CLEAR Shortcut between COMPARE[2] event and CLEAR task See EVENTS_COMPARE[2] and TASKS_CLEAR Disabled 0 Disable shortcut Enabled 1 Enable shortcut D RW COMPARE3_CLEAR Shortcut between COMPARE[3] event and CLEAR task See EVENTS_COMPARE[3] and TASKS_CLEAR Disabled 0 Disable shortcut Enabled 1 Enable shortcut E RW COMPARE4_CLEAR Shortcut between COMPARE[4] event and CLEAR task See EVENTS_COMPARE[4] and TASKS_CLEAR Disabled 0 Disable shortcut Enabled 1 Enable shortcut F RW COMPARE5_CLEAR Shortcut between COMPARE[5] event and CLEAR task See EVENTS_COMPARE[5] and TASKS_CLEAR Disabled 0 Disable shortcut Enabled 1 Enable shortcut G RW COMPARE0_STOP Shortcut between COMPARE[0] event and STOP task See EVENTS_COMPARE[0] and TASKS_STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut H RW COMPARE1_STOP Shortcut between COMPARE[1] event and STOP task See EVENTS_COMPARE[1] and TASKS_STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut I RW COMPARE2_STOP Shortcut between COMPARE[2] event and STOP task See EVENTS_COMPARE[2] and TASKS_STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut J RW COMPARE3_STOP Shortcut between COMPARE[3] event and STOP task See EVENTS_COMPARE[3] and TASKS_STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut K RW COMPARE4_STOP Shortcut between COMPARE[4] event and STOP task See EVENTS_COMPARE[4] and TASKS_STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut L RW COMPARE5_STOP Shortcut between COMPARE[5] event and STOP task See EVENTS_COMPARE[5] and TASKS_STOP 4430_161 v1.0 406 |