| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QFAA-R 데이터시트(PDF) 408 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R 데이터시트(HTML) 408 Page - Nordic Semiconductor |
|
408 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW COMPARE0 Write '1' to Disable interrupt for COMPARE[0] event See EVENTS_COMPARE[0] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW COMPARE1 Write '1' to Disable interrupt for COMPARE[1] event See EVENTS_COMPARE[1] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW COMPARE2 Write '1' to Disable interrupt for COMPARE[2] event See EVENTS_COMPARE[2] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW COMPARE3 Write '1' to Disable interrupt for COMPARE[3] event See EVENTS_COMPARE[3] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW COMPARE4 Write '1' to Disable interrupt for COMPARE[4] event See EVENTS_COMPARE[4] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW COMPARE5 Write '1' to Disable interrupt for COMPARE[5] event See EVENTS_COMPARE[5] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.22.5.4 MODE Address offset: 0x504 Timer mode selection Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW MODE Timer mode Timer 0 Select Timer mode Counter 1 Select Counter mode Deprecated LowPowerCounter 2 Select Low Power Counter mode 6.22.5.5 BITMODE Address offset: 0x508 4430_161 v1.0 408 |