| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QFAA-R 데이터시트(PDF) 407 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R 데이터시트(HTML) 407 Page - Nordic Semiconductor |
|
407 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Disabled 0 Disable shortcut Enabled 1 Enable shortcut 6.22.5.2 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW COMPARE0 Write '1' to Enable interrupt for COMPARE[0] event See EVENTS_COMPARE[0] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW COMPARE1 Write '1' to Enable interrupt for COMPARE[1] event See EVENTS_COMPARE[1] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW COMPARE2 Write '1' to Enable interrupt for COMPARE[2] event See EVENTS_COMPARE[2] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW COMPARE3 Write '1' to Enable interrupt for COMPARE[3] event See EVENTS_COMPARE[3] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW COMPARE4 Write '1' to Enable interrupt for COMPARE[4] event See EVENTS_COMPARE[4] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW COMPARE5 Write '1' to Enable interrupt for COMPARE[5] event See EVENTS_COMPARE[5] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.22.5.3 INTENCLR Address offset: 0x308 Disable interrupt 4430_161 v1.0 407 |