| 전자부품 데이터시트 검색엔진 |
|
NRF52820-QDAA-R 데이터시트(PDF) 200 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R 데이터시트(HTML) 200 Page - Nordic Semiconductor |
|
200 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID a Z Y V U T S R Q P O N M L K I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description B RW ADDRESS Write '1' to enable interrupt for event ADDRESS Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW PAYLOAD Write '1' to enable interrupt for event PAYLOAD Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW END Write '1' to enable interrupt for event END Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW DISABLED Write '1' to enable interrupt for event DISABLED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW DEVMATCH Write '1' to enable interrupt for event DEVMATCH Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled G RW DEVMISS Write '1' to enable interrupt for event DEVMISS Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled H RW RSSIEND Write '1' to enable interrupt for event RSSIEND A new RSSI sample is ready for readout from the RADIO.RSSISAMPLE register Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled I RW BCMATCH Write '1' to enable interrupt for event BCMATCH Bit counter value is specified in the RADIO.BCC register Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled K RW CRCOK Write '1' to enable interrupt for event CRCOK Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled L RW CRCERROR Write '1' to enable interrupt for event CRCERROR Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled M RW FRAMESTART Write '1' to enable interrupt for event FRAMESTART Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled N RW EDEND Write '1' to enable interrupt for event EDEND Set 1 Enable Disabled 0 Read: Disabled 4463_156 v1.0 200 |