| 전자부품 데이터시트 검색엔진 |
|
NRF52820-QDAA-R 데이터시트(PDF) 204 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R 데이터시트(HTML) 204 Page - Nordic Semiconductor |
|
204 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID a Z Y V U T S R Q P O N M L K I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description Z RW PHYEND Write '1' to disable interrupt for event PHYEND Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled a RW CTEPRESENT Write '1' to disable interrupt for event CTEPRESENT Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.12.15.41 CRCSTATUS Address offset: 0x400 CRC status Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A R CRCSTATUS CRC status of packet received CRCError 0 Packet received with CRC error CRCOk 1 Packet received with CRC ok 6.12.15.42 RXMATCH Address offset: 0x408 Received address Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A R RXMATCH Received address Logical address of which previous packet was received 6.12.15.43 RXCRC Address offset: 0x40C CRC field of previously received packet Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A A A A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A R RXCRC CRC field of previously received packet CRC field of previously received packet 4463_156 v1.0 204 |