| 전자부품 데이터시트 검색엔진 |
|
NRF52811-QCAA-R 데이터시트(PDF) 388 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R 데이터시트(HTML) 388 Page - Nordic Semiconductor |
|
388 / 444 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW ERROR Write '1' to enable interrupt for event ERROR Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW RXTO Write '1' to enable interrupt for event RXTO Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.27.10.14 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW CTS Write '1' to disable interrupt for event CTS Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW NCTS Write '1' to disable interrupt for event NCTS Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW RXDRDY Write '1' to disable interrupt for event RXDRDY Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW TXDRDY Write '1' to disable interrupt for event TXDRDY Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW ERROR Write '1' to disable interrupt for event ERROR Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW RXTO Write '1' to disable interrupt for event RXTO Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.27.10.15 ERRORSRC Address offset: 0x480 Error source 4454_140 v1.0 388 |