| 전자부품 데이터시트 검색엔진 |
|
NRF52811-QCAA-R 데이터시트(PDF) 93 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R 데이터시트(HTML) 93 Page - Nordic Semiconductor |
|
93 / 444 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW ENDKSGEN_CRYPT Shortcut between event ENDKSGEN and task CRYPT Disabled 0 Disable shortcut Enabled 1 Enable shortcut 6.4.9.9 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW ENDKSGEN Write '1' to enable interrupt for event ENDKSGEN Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW ENDCRYPT Write '1' to enable interrupt for event ENDCRYPT Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW ERROR Write '1' to enable interrupt for event ERROR Deprecated Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.4.9.10 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW ENDKSGEN Write '1' to disable interrupt for event ENDKSGEN Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW ENDCRYPT Write '1' to disable interrupt for event ENDCRYPT Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW ERROR Write '1' to disable interrupt for event ERROR Deprecated Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 4454_140 v1.0 93 |