| 전자부품 데이터시트 검색엔진 |
|
NRF52811-QCAA-R 데이터시트(PDF) 111 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R 데이터시트(HTML) 111 Page - Nordic Semiconductor |
|
111 / 444 page ![]() Peripherals 6.6.4.3 EVENTS_ENDECB Address offset: 0x100 ECB block encrypt complete Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_ENDECB ECB block encrypt complete NotGenerated 0 Event not generated Generated 1 Event generated 6.6.4.4 EVENTS_ERRORECB Address offset: 0x104 ECB block encrypt aborted because of a STOPECB task or due to an error Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_ERRORECB ECB block encrypt aborted because of a STOPECB task or due to an error NotGenerated 0 Event not generated Generated 1 Event generated 6.6.4.5 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW ENDECB Write '1' to enable interrupt for event ENDECB Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW ERRORECB Write '1' to enable interrupt for event ERRORECB Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.6.4.6 INTENCLR Address offset: 0x308 Disable interrupt 4454_140 v1.0 111 |