| 전자부품 데이터시트 검색엔진 |
|
NRF52811-QCAA-R 데이터시트(PDF) 127 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R 데이터시트(HTML) 127 Page - Nordic Semiconductor |
|
127 / 444 page ![]() Peripherals 6.9.4.4 EVENTS_IN[n] (n=0..7) Address offset: 0x100 + (n × 0x4) Event generated from pin specified in CONFIG[n].PSEL Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_IN Event generated from pin specified in CONFIG[n].PSEL NotGenerated 0 Event not generated Generated 1 Event generated 6.9.4.5 EVENTS_PORT Address offset: 0x17C Event generated from multiple input GPIO pins with SENSE mechanism enabled Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_PORT Event generated from multiple input GPIO pins with SENSE mechanism enabled NotGenerated 0 Event not generated Generated 1 Event generated 6.9.4.6 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A-H RW IN[i] (i=0..7) Write '1' to enable interrupt for event IN[i] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled I RW PORT Write '1' to enable interrupt for event PORT Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.9.4.7 INTENCLR Address offset: 0x308 Disable interrupt 4454_140 v1.0 127 |