| 전자부품 데이터시트 검색엔진 |
|
NRF52811-QCAA-R 데이터시트(PDF) 160 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R 데이터시트(HTML) 160 Page - Nordic Semiconductor |
|
160 / 444 page ![]() Peripherals 6.12.5.7 EVENTS_PWMPERIODEND Address offset: 0x118 Emitted at the end of each PWM period Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_PWMPERIODEND Emitted at the end of each PWM period NotGenerated 0 Event not generated Generated 1 Event generated 6.12.5.8 EVENTS_LOOPSDONE Address offset: 0x11C Concatenated sequences have been played the amount of times defined in LOOP.CNT Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_LOOPSDONE Concatenated sequences have been played the amount of times defined in LOOP.CNT NotGenerated 0 Event not generated Generated 1 Event generated 6.12.5.9 SHORTS Address offset: 0x200 Shortcuts between local events and tasks Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW SEQEND0_STOP Shortcut between event SEQEND[0] and task STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut B RW SEQEND1_STOP Shortcut between event SEQEND[1] and task STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut C RW LOOPSDONE_SEQSTART0 Shortcut between event LOOPSDONE and task SEQSTART[0] Disabled 0 Disable shortcut Enabled 1 Enable shortcut D RW LOOPSDONE_SEQSTART1 Shortcut between event LOOPSDONE and task SEQSTART[1] Disabled 0 Disable shortcut Enabled 1 Enable shortcut E RW LOOPSDONE_STOP Shortcut between event LOOPSDONE and task STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut 4454_140 v1.0 160 |