| 전자부품 데이터시트 검색엔진 |
|
NRF52811-QCAA-R 데이터시트(PDF) 178 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R 데이터시트(HTML) 178 Page - Nordic Semiconductor |
|
178 / 444 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A R ACCREAD [-1024..1023] Snapshot of the ACC register. The ACCREAD register is updated when the READCLRACC or RDCLRACC task is triggered 6.13.7.21 PSEL.LED Address offset: 0x51C Pin select for LED signal Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ID Access Field Value ID Value Description A RW PIN [0..31] Pin number C RW CONNECT Connection Disconnected 1 Disconnect Connected 0 Connect 6.13.7.22 PSEL.A Address offset: 0x520 Pin select for A signal Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ID Access Field Value ID Value Description A RW PIN [0..31] Pin number C RW CONNECT Connection Disconnected 1 Disconnect Connected 0 Connect 6.13.7.23 PSEL.B Address offset: 0x524 Pin select for B signal Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ID Access Field Value ID Value Description A RW PIN [0..31] Pin number C RW CONNECT Connection Disconnected 1 Disconnect Connected 0 Connect 4454_140 v1.0 178 |