| 전자부품 데이터시트 검색엔진 |
|
NRF52811-QCAA-R 데이터시트(PDF) 185 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R 데이터시트(HTML) 185 Page - Nordic Semiconductor |
|
185 / 444 page ![]() Peripherals TXRU 3 1 2 TXIDLE A S0 L S1 PAYLOAD CRC P TX TXIDLE TXDISABLE (carrier) (carrier) Figure 63: Transmit sequence The following figure shows a slightly modified version of the transmit sequence where the RADIO is configured to use shortcuts between READY and START, and between END and DISABLE, which means that no delay is introduced. TXRU 2 1 A S0 L S1 PAYLOAD CRC P TX TXDISABLE (carrier) Figure 64: Transmit sequence using shortcuts to avoid delays The RADIO is able to send multiple packets one after the other without having to disable and re-enable the RADIO between packets, as illustrated in the following figure. TXRU 3 1 A S0 L S1 PAYLOAD CRC P TX TXDISABLE A S0 L S1 PAYLOAD CRC P TX 2 (carrier) (carrier) TXIDLE Figure 65: Transmission of multiple packets 6.14.7 Receive sequence 4454_140 v1.0 185 |