전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NRF52811-QCAA-R 데이터시트(PDF) 208 Page - Nordic Semiconductor

부품명 NRF52811-QCAA-R
상세설명  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NORDIC [Nordic Semiconductor]
홈페이지  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R 데이터시트(HTML) 208 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 204Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 205Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 206Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 207Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 208Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 209Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 210Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 211Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 212Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 444 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_EDSTOP
Stop the energy detect measurement
Trigger
1
Trigger task
6.14.15.12 TASKS_CCASTART
Address offset: 0x02C
Start the clear channel assessment used in IEEE 802.15.4 mode
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_CCASTART
Start the clear channel assessment used in IEEE 802.15.4
mode
Trigger
1
Trigger task
6.14.15.13 TASKS_CCASTOP
Address offset: 0x030
Stop the clear channel assessment
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_CCASTOP
Stop the clear channel assessment
Trigger
1
Trigger task
6.14.15.14 EVENTS_READY
Address offset: 0x100
RADIO has ramped up and is ready to be started
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW EVENTS_READY
RADIO has ramped up and is ready to be started
NotGenerated
0
Event not generated
Generated
1
Event generated
6.14.15.15 EVENTS_ADDRESS
Address offset: 0x104
Address sent or received
4454_140 v1.0
208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More