| 전자부품 데이터시트 검색엔진 |
|
NRF52811-QCAA-R 데이터시트(PDF) 277 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R 데이터시트(HTML) 277 Page - Nordic Semiconductor |
|
277 / 444 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled U RW CH7LIMITH Write '1' to disable interrupt for event CH7LIMITH Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled V RW CH7LIMITL Write '1' to disable interrupt for event CH7LIMITL Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.17.11.16 STATUS Address offset: 0x400 Status Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A R STATUS Status Ready 0 ADC is ready. No on-going conversion. Busy 1 ADC is busy. Conversion in progress. 6.17.11.17 ENABLE Address offset: 0x500 Enable or disable ADC Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW ENABLE Enable or disable ADC Disabled 0 Disable ADC Enabled 1 Enable ADC When enabled, the ADC will acquire access to the analog input pins specified in the CH[n].PSELP and CH[n].PSELN registers. 6.17.11.18 CH[n].PSELP (n=0..7) Address offset: 0x510 + (n × 0x10) Input positive pin selection for CH[n] 4454_140 v1.0 277 |