전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NRF52811-QCAA-R 데이터시트(PDF) 285 Page - Nordic Semiconductor

부품명 NRF52811-QCAA-R
상세설명  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NORDIC [Nordic Semiconductor]
홈페이지  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R 데이터시트(HTML) 285 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 281Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 282Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 283Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 284Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 285Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 286Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 287Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 288Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 289Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 444 page
background image
Peripherals
0
1
2
n-2
n-1
n
A
B
C
m-2
m-1
m
CSN
MOSI
MISO
CPU
SCK
1
3
4
5
6
7
2
Figure 112: SPI master transaction
The READY event of the third byte transaction is delayed until B is extracted from RXD in occurrence
number 3 on the horizontal lifeline. The reason for this is that the third event is generated first when C is
moved from RXD-1 to RXD after B is read.
The SPI master will move the incoming byte to the RXD register after a short delay following the SCK clock
period of the last bit in the byte. This also means that the READY event will be delayed accordingly, see SPI
master transaction on page 285. Therefore, it is important that you always clear the READY event, even
if the RXD register and the data that is being received is not used.
1
1
Figure 113: SPI master transaction
4454_140 v1.0
285



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More