| 전자부품 데이터시트 검색엔진 |
|
NRF52811-QCAA-R 데이터시트(PDF) 309 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R 데이터시트(HTML) 309 Page - Nordic Semiconductor |
|
309 / 444 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_ENDRX End of RXD buffer reached NotGenerated 0 Event not generated Generated 1 Event generated 6.20.5.5 EVENTS_ACQUIRED Address offset: 0x128 Semaphore acquired Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_ACQUIRED Semaphore acquired NotGenerated 0 Event not generated Generated 1 Event generated 6.20.5.6 SHORTS Address offset: 0x200 Shortcuts between local events and tasks Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW END_ACQUIRE Shortcut between event END and task ACQUIRE Disabled 0 Disable shortcut Enabled 1 Enable shortcut 6.20.5.7 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW END Write '1' to enable interrupt for event END Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW ENDRX Write '1' to enable interrupt for event ENDRX Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW ACQUIRED Write '1' to enable interrupt for event ACQUIRED 4454_140 v1.0 309 |