| 전자부품 데이터시트 검색엔진 |
|
NRF52811-QCAA-R 데이터시트(PDF) 339 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R 데이터시트(HTML) 339 Page - Nordic Semiconductor |
|
339 / 444 page ![]() Peripherals 6.23.9.2 Two Wire Interface (TWI) timing specifications Symbol Description Min. Typ. Max. Units tTWI,SU_DAT Data setup time before positive edge on SCL – all modes 300 ns tTWI,HD_DAT Data hold time after negative edge on SCL – all modes 500 ns tTWI,HD_STA,100kbps TWI master hold time for START and repeated START condition, 100 kbps 10000 ns tTWI,HD_STA,250kbps TWI master hold time for START and repeated START condition, 250kbps 4000 ns tTWI,HD_STA,400kbps TWI master hold time for START and repeated START condition, 400 kbps 2500 ns tTWI,SU_STO,100kbps TWI master setup time from SCL high to STOP condition, 100 kbps 5000 ns tTWI,SU_STO,250kbps TWI master setup time from SCL high to STOP condition, 250 kbps 2000 ns tTWI,SU_STO,400kbps TWI master setup time from SCL high to STOP condition, 400 kbps 1250 ns tTWI,BUF,100kbps TWI master bus free time between STOP and START conditions, 100 kbps 5800 ns tTWI,BUF,250kbps TWI master bus free time between STOP and START conditions, 250 kbps 2700 ns tTWI,BUF,400kbps TWI master bus free time between STOP and START conditions, 400 kbps 2100 ns Figure 127: TWI timing diagram, 1 byte transaction 6.24 TIMER — Timer/counter The TIMER can operate in two modes: timer and counter. 4454_140 v1.0 339 |