| 전자부품 데이터시트 검색엔진 |
|
NRF52811-QCAA-R 데이터시트(PDF) 347 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R 데이터시트(HTML) 347 Page - Nordic Semiconductor |
|
347 / 444 page ![]() Peripherals SDA RXD-1 TXD+1 EasyDMA EasyDMA RXD.PTR TXD.PTR buffer[0] buffer[1] buffer[RXD.MAXCNT-1] RAM buffer[0] buffer[1] buffer[TXD.MAXCNT-1] Pin PSEL.SDA GPIO PSEL.SCK Pin TWIM TXD buffer RXD buffer SCL Figure 129: TWI master with EasyDMA A typical TWI setup consists of one master and one or more slaves. For an example, see A typical TWI setup comprising one master and three slaves on page 347. This TWIM is only able to operate as a single master on the TWI bus. Multi-master bus configuration is not supported. TWI master (TWIM) TWI slave (Sensor) Address = b1011000 TWI slave Address = b1011011 SCL SCL TWI slave (EEPROM) Address = b1011001 SCL R VDD R VDD SDA SDA SDA SCL SDA Figure 130: A typical TWI setup comprising one master and three slaves This TWI master supports clock stretching performed by the slaves. Note that the SCK pulse following a stretched clock cycle may be shorter than specified by the I2C specification. The TWI master is started by triggering the STARTTX or STARTRX tasks, and stopped by triggering the STOP task. The TWI master will generate a STOPPED event when it has stopped following a STOP task. The TWI master cannot get stopped while it is suspended, so the STOP task has to be issued after the TWI master has been resumed. After the TWI master is started, the STARTTX task or the STARTRX task should not be triggered again before the TWI master has stopped, i.e. following a LASTRX, LASTTX or STOPPED event. If a NACK is clocked in from the slave, the TWI master will generate an ERROR event. 6.25.1 EasyDMA The TWIM implements EasyDMA for accessing RAM without CPU involvement. The TWIM peripheral implements the following EasyDMA channels: 4454_140 v1.0 347 |