| 전자부품 데이터시트 검색엔진 |
|
NRF52811-QCAA-R 데이터시트(PDF) 358 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R 데이터시트(HTML) 358 Page - Nordic Semiconductor |
|
358 / 444 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID J I H G F D A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description Enabled 1 Read: Enabled G RW RXSTARTED Write '1' to disable interrupt for event RXSTARTED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled H RW TXSTARTED Write '1' to disable interrupt for event TXSTARTED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled I RW LASTRX Write '1' to disable interrupt for event LASTRX Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled J RW LASTTX Write '1' to disable interrupt for event LASTTX Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.25.7.17 ERRORSRC Address offset: 0x4C4 Error source Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW OVERRUN Overrun error A new byte was received before previous byte got transferred into RXD buffer. (Previous data is lost) NotReceived 0 Error did not occur Received 1 Error occurred B RW ANACK NACK received after sending the address (write '1' to clear) NotReceived 0 Error did not occur Received 1 Error occurred C RW DNACK NACK received after sending a data byte (write '1' to clear) NotReceived 0 Error did not occur Received 1 Error occurred 6.25.7.18 ENABLE Address offset: 0x500 Enable TWIM 4454_140 v1.0 358 |