| 전자부품 데이터시트 검색엔진 |
|
NRF52811-QCAA-R 데이터시트(PDF) 364 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R 데이터시트(HTML) 364 Page - Nordic Semiconductor |
|
364 / 444 page ![]() Peripherals TXD (signal) PSELSDA PSELSCK PSELSDA RXD (signal) WRITE SUSPEND RESUME RAM EasyDMA EasyDMA RXD.PTR TXD.PTR RXD+2 RXD+n RXD+1 RXD TXD+2 TXD+n TXD+1 TXD READ STOPPED PREPARETX PREPARERX Figure 137: TWI slave with EasyDMA A typical TWI setup consists of one master and one or more slaves. For an example, see A typical TWI setup comprising one master and three slaves on page 364. TWIS is only able to operate with a single master on the TWI bus. TWI master TWI slave (Sensor) Address = b1011000 TWI slave (TWIS) Address = b1011011 SCL SCL TWI slave (EEPROM) Address = b1011001 SCL R VDD R VDD SDA SDA SDA SCL SDA Figure 138: A typical TWI setup comprising one master and three slaves The TWI slave state machine is illustrated in TWI slave state machine on page 365 and TWI slave state machine symbols on page 365 is explaining the different symbols used in the state machine. 4454_140 v1.0 364 |