전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HB2000ES 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 HB2000ES
상세설명  evaluation board
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

HB2000ES 데이터시트(HTML) 3 Page - NXP Semiconductors

  HB2000ES Datasheet HTML 1Page - NXP Semiconductors HB2000ES Datasheet HTML 2Page - NXP Semiconductors HB2000ES Datasheet HTML 3Page - NXP Semiconductors HB2000ES Datasheet HTML 4Page - NXP Semiconductors HB2000ES Datasheet HTML 5Page - NXP Semiconductors HB2000ES Datasheet HTML 6Page - NXP Semiconductors HB2000ES Datasheet HTML 7Page - NXP Semiconductors HB2000ES Datasheet HTML 8Page - NXP Semiconductors HB2000ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
NXP Semiconductors
KTFRDMHB2000ESEVMUG
FRDM-HB2000ESEVM evaluation board
KTFRDMHB2000ESEVMUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2 — 11 June 2018
3 / 34
3 Getting started
The NXP analog product development boards provide an easy-to-use platform for
evaluating NXP products. These development boards support a range of analog,
mixed‑signal, and power solutions. These boards incorporate monolithic integrated
circuits and system-in-package devices that use proven high-volume technology. NXP
products offer longer battery life, a smaller form factor, reduced component counts, lower
cost, and improved performance in powering state-of-the-art systems.
The tool summary page for FRDM-HB2000ESEVM is at http://www.nxp.com/FRDM-
HB2000ESEVM. The overview tab on this page provides an overview of the device, a
list of device features, a description of the kit contents, links to supported devices and a
Get Started section.
The
Get Started section provides information applicable to using the
FRDM‑HB2000ESEVM.
1. Go to http://www.nxp.com/FRDM-HB2000ESEVM.
2. On the
Overview tab, locate the Jump To navigation feature on the left side of the
window.
3. Select the
Get Started link.
4. Review each entry in the
Get Started section.
5. Download an entry by clicking the linked title.
After reviewing the
Overview tab, visit the other related tabs for additional information:
• Documentation: Download current documentation.
• Software & Tools: Download current hardware and software tools.
• Buy/Parametrics: Purchase the product and view the product parametrics.
After downloading files, review each file, including the user guide, which includes setup
instructions. If applicable, the bill of materials (BOM) and supporting schematics are also
available for download in the
Get Started section of the Overview tab.
3.1 Kit content/packing list
The FRDM-HB2000ESEVM content includes:
• Assembled and tested evaluation board/module in anti-static bag
• FRDM-KL25Z
• Quick start guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34